Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155HDEVB Datasheet(PDF) 12 Page - Exar Corporation

Part # XR33155HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155HDEVB Datasheet(HTML) 12 Page - Exar Corporation

Back Button XR33155HDEVB Datasheet HTML 8Page - Exar Corporation XR33155HDEVB Datasheet HTML 9Page - Exar Corporation XR33155HDEVB Datasheet HTML 10Page - Exar Corporation XR33155HDEVB Datasheet HTML 11Page - Exar Corporation XR33155HDEVB Datasheet HTML 12Page - Exar Corporation XR33155HDEVB Datasheet HTML 13Page - Exar Corporation XR33155HDEVB Datasheet HTML 14Page - Exar Corporation XR33155HDEVB Datasheet HTML 15Page - Exar Corporation XR33155HDEVB Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
11/19
REV2B
Figure 3. Differential Driver Output Voltage
D
DI = OV or VCC
DE = VCC
Y
Z
RL
2
VOD
VCM
RL
2
Figure 4. Differential Driver Output Voltage Over Common Mode
D
DI = OV or VCC
DE = VCC
Y
Z
375
375
60
VOD
VCM
Applications Information
RO 1
INV 2
DE 3
DI 4
VCC
8
B/Z
7
A/Y
6
GND
5
D
R
RINV 1
RO 2
RE 3
DE 4
DI 5
GND 6
GND 7
VCC
14
VL
13
A
12
B
11
Z
10
Y
9
DINV
8
D
R
Figure 2. XR33152, XR33155 and XR33158 Half-duplex and XR33156 Full-duplex
XR33152, XR33155 and XR33158
XR33156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com