Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155HDEVB Datasheet(PDF) 4 Page - Exar Corporation

Part # XR33155HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155HDEVB Datasheet(HTML) 4 Page - Exar Corporation

  XR33155HDEVB Datasheet HTML 1Page - Exar Corporation XR33155HDEVB Datasheet HTML 2Page - Exar Corporation XR33155HDEVB Datasheet HTML 3Page - Exar Corporation XR33155HDEVB Datasheet HTML 4Page - Exar Corporation XR33155HDEVB Datasheet HTML 5Page - Exar Corporation XR33155HDEVB Datasheet HTML 6Page - Exar Corporation XR33155HDEVB Datasheet HTML 7Page - Exar Corporation XR33155HDEVB Datasheet HTML 8Page - Exar Corporation XR33155HDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
3/19
REV2B
Electrical Characteristics
Unless otherwise noted: VCC = 3.0V to 5.5V, TA = TMIN to TMAX. Typical values are at VCC = 5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver DC Characteristics
VCC
Supply voltage range
3.0
5.5
V
VL
I/O logic supply voltage range
VL ≤ VCC
1.65
5.5
V
VOD
Differential driver output,
4.5V ≤ VCC ≤ 5.5V
RL = 100Ω (RS-422), Figure 4
2
VCC
V
RL = 54Ω (RS-485), Figure 4
1.5
VCC
V
-25V ≤ VCM ≤ 25V, Figure 5
1.5
VCC
V
VOD
Differential driver output,
3.0V ≤ VCC ≤ 4.5V
RL = 100Ω (RS-422), Figure 4
0.85
VCC
V
RL = 54Ω (RS-485), Figure 4
0.65
VCC
V
∆VOD
Change in magnitude of
differential output voltage, Note 1
RL = 100Ω (RS-422) or
RL = 54Ω (RS-485), Figure 4
±0.2
V
VCM
Driver common-mode output
voltage (steady state)
1
3
V
∆VCM
Change in magnitude of common-mode
output voltage, Note 1
±0.2
V
VIH
Logic high input thresholds
(DI, DE and INV)
VCC = 3.3V, for XR33152/55/58
2.0
V
VCC = 5.0V, for XR33152/55/58
2.4
V
VIL
Logic low input thresholds
(DI, DE and INV)
For XR33152/55/58
0.8
V
VIH
Logic high input thresholds
(DI, DE, RE, DINV and RINV)
VL ≤ VCC, for XR33156
(2/3)VL
V
VIL
Logic low input thresholds
(DI, DE, RE, DINV and RINV)
VL ≤ VCC, for XR33156
(1/3)VL
V
VHYS
Input hysteresis
(DI, DE, RE, DINV, RINV and INV)
100
mV
IIN
Logic input current (DI, DE and RE)
0V ≤ VIN ≤ VCC, for XR33152/55/58
After first transition, Note 2
±1
μA
Logic input current (INV)
VIN = VCC = 5.5V, for XR33152/55/58
25
33
55
μA
Logic input current (DI, DE and RE)
0V ≤ VIN ≤ VL = VCC = 5.5V, for XR33156
After first transition, Note 2
±1
μA
Logic input current (DINV and RINV)
VIN = VL = VCC = 5.5V, for XR33156
25
33
55
μA
IINHS
Logic input current hot swap (DE and RE)
Until first transition, Note 2
100
±200
μA
IA, B
Input current (A and B)
VCC = 0V or 5.5V, VOUT = 12V,
DE = 0V, for XR33152/55
100
μA
VCC = 0V or 5.5V, VOUT = -7V,
DE = 0V, for XR33152/55
-80
μA
VOUT = 12V, DE = 0V,
VCC = 0V or 5.5V, for XR33156/58
400
μA
VOUT = -7V, DE = 0V,
VCC = 0V or 5.5V, for XR33156/58
-320
μA
NOTES:
1. Change in magnitude of differential output voltage and change in magnitude of common mode output voltage are the changes in output voltage when DI input
changes state.
2. The hot swap feature disables the DE and RE inputs for the first 10μs after power is applied. Following this time period, these inputs are weakly pulled to their disabled
state (low for DE, high for RE) until the first transition, after which they become high impedance inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com