Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155HDEVB Datasheet(PDF) 20 Page - Exar Corporation

Part # XR33155HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155HDEVB Datasheet(HTML) 20 Page - Exar Corporation

Back Button XR33155HDEVB Datasheet HTML 13Page - Exar Corporation XR33155HDEVB Datasheet HTML 14Page - Exar Corporation XR33155HDEVB Datasheet HTML 15Page - Exar Corporation XR33155HDEVB Datasheet HTML 16Page - Exar Corporation XR33155HDEVB Datasheet HTML 17Page - Exar Corporation XR33155HDEVB Datasheet HTML 18Page - Exar Corporation XR33155HDEVB Datasheet HTML 19Page - Exar Corporation XR33155HDEVB Datasheet HTML 20Page - Exar Corporation XR33155HDEVB Datasheet HTML 21Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
XR
33152/XR33155/XR33156/XR33158
www.exar.com
Exar Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. Exar Corporation conveys
no license under any patent or other right and makes no representation that the circuits are free of patent infringement. While the information in this publication has been
carefully checked, no responsibility, however, is assumed for inaccuracies.
Exar Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Exar Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
Exar Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of Exar Corporation is prohibited. Exar, XR and the XR logo are registered trademarks of Exar Corporation.
All other trademarks are the property of their respective owners.
©2016-2017 Exar Corporation
XR33152/55/56/58_DS_013017
19/19
REV2B
48720 Kato Road
Fremont, CA 94538
USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7001
Email: serialtechsupport@exar.com
Ordering Information(1)
Part Number
Operation
Data Rate
Operating
Temperature Range
Lead-Free
Package
Packaging Method
XR33152ID-F
Half-duplex
250kbps
-40°C to 85°C
Yes(2)
8-pin SOIC
Tube
XR33152IDTR-F
Tape and Reel
XR33152HD-F
-40°C to 105°C
Tube
XR33152HDTR-F
Tape and Reel
XR33155ID-F
Half-duplex
1Mbps
-40°C to 85°C
8-pin SOIC
Tube
XR33155IDTR-F
Tape and Reel
XR33155HD-F
-40°C to 105°C
Tube
XR33155HDTR-F
Tape and Reel
XR33156ID-F
Full-duplex
20Mbps
-40°C to 85°C
14-pin SOIC
Tube
XR33156IDTR-F
Tape and Reel
XR33156HD-F
-40°C to 105°C
Tube
XR33156HDTR-F
Tape and Reel
XR33158ID-F
Half-duplex
20Mbps
-40°C to 85°C
8-pin SOIC
Tube
XR33158IDTR-F
Tape and Reel
XR33158HD-F
-40°C to 105°C
Tube
XR33158HDTR-F
Tape and Reel
XR33152IDEVB
XR33152HDEVB
XR33155IDEVB
XR33155HDEVB
XR33156IDEVB
XR33156HDEVB
XR33158IDEVB
XR33158HDEVB
Evaluation Board
NOTE:
1. Refer to www.exar.com/XR33152, www.exar.com/XR33155, www.exar.com/XR33156, www.exar.com/XR33158 for most up-to-date Ordering Information.
2. Visit www.exar.com for additional information on Environmental Rating.
Revision History
Revision
Date
Description
1A
Jan 2016
Initial Release
2A
July 2016
Add XR33155, -40°C to 105°C parts, and Revision History.
2B
Jan 2017
Corrected XR33158 max temperature typo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com