Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33155HDEVB Datasheet(PDF) 2 Page - Exar Corporation

Part # XR33155HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33155HDEVB Datasheet(HTML) 2 Page - Exar Corporation

  XR33155HDEVB Datasheet HTML 1Page - Exar Corporation XR33155HDEVB Datasheet HTML 2Page - Exar Corporation XR33155HDEVB Datasheet HTML 3Page - Exar Corporation XR33155HDEVB Datasheet HTML 4Page - Exar Corporation XR33155HDEVB Datasheet HTML 5Page - Exar Corporation XR33155HDEVB Datasheet HTML 6Page - Exar Corporation XR33155HDEVB Datasheet HTML 7Page - Exar Corporation XR33155HDEVB Datasheet HTML 8Page - Exar Corporation XR33155HDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
±60V Fault Tolerant 3.0V to 5.5V
RS-485/RS-422 Transceivers
XR
33152/XR33155/XR33156/XR33158
1/19
REV2B
FEATURES
■
■
3.0V to 5.5V operation
■
■
±60V fault tolerance on analog bus pins
■
■
Extended ±25V common mode operation
■
■
Robust ESD protection:
±15kV HBM (bus pins)
± 4kV HBM (non-bus pins)
■
■
1.65V to 5.5V logic Interface VL pin
(full-duplex package option)
■
■
Invert control to correct for reversed
bus pins
■
■
Enhanced receiver fail-safe protection for
open, shorted or terminated but idle
data lines
■
■
Hot swap glitch protection on DE and
RE
pins
■
■
Driver short-circuit current limit and
thermal shutdown for overload protection
■
■
Reduced unit loads allows up to 320
devices on bus
■
■
Industry standard 8-pin and 14-pin
NSOIC packages
■
■
-40°C to 85°C and -40°C to 105°C ambient
operating temperature ranges
APPLICATIONS
■
■
Industrial control networks
■
■
HVAC networks
■
■
Building and process automation
■
■
Remote utility meter reading
■
■
Energy monitoring and control
■
■
Long or unterminated transmission lines
Typical Application
Description
The XR33152, XR33155, XR33156 and XR33158 (XR3315x) family of
high performance RS-485/RS-422 devices are designed for improved
performance in noisy industrial environments and increased tolerance
to system faults.
The analog bus pins can withstand direct shorts up to ±60V and are
protected against ESD events up to ±15kV HBM. An extended ±25V
common mode operating range allows for more reliable operation in
noisy environments.
The XR3315x receivers include full fail-safe circuitry, guaranteeing a
logic high receiver output when the receiver inputs are open, shorted
or undriven. The XR33152/55 receiver input impedance is at least
120kΩ (1/10 unit load), allowing more than 320 devices on the bus.
The XR33156/58 receiver input impedance is at least 30kΩ (1/2.5
unit load), allowing more than 80 devices on the bus.
The drivers are protected by short circuit detection as well as thermal
shutdown and maintain high impedance in shutdown or when powered
off. The XR33152 driver is slew limited for reduced EMI and error-free
communication over long or unterminated data cables.
The XR3315x family of high performance RS-485/RS-422 devices are
designed for improved performance in noisy industrial environments
and increased tolerance to system faults.
The devices with DE and RE pins include hot swap circuitry to prevent
false transitions on the bus during power up or live insertion and can
enter a 1nA low current shutdown mode for extreme power savings.
Figure 1. Typical Application
V
CC
V
CC
5V
5V
DI
R
DE
RE
DI
DE
60V POWER BUS
FAULT TOLERANT UP TO 60V
R
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com