Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8355 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 17Page - Seiko Instruments Inc S8355 Datasheet HTML 18Page - Seiko Instruments Inc S8355 Datasheet HTML 19Page - Seiko Instruments Inc S8355 Datasheet HTML 20Page - Seiko Instruments Inc S8355 Datasheet HTML 21Page - Seiko Instruments Inc S8355 Datasheet HTML 22Page - Seiko Instruments Inc S8355 Datasheet HTML 23Page - Seiko Instruments Inc S8355 Datasheet HTML 24Page - Seiko Instruments Inc S8355 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
21
(5) 600 kHz Product (P and Q types)
Table 22
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
Output voltage
VOUT
−
VOUT(S)
× 0.976
VOUT(S) VOUT(S)
× 1.024
V
4
Input voltage
VIN
−
−
−
10
V
4
Operation start voltage
VST1
IOUT = 1 mA
−
−
0.9
V
4
Oscillation start voltage
VST2
No external parts, Voltage applied to VDD
−
−
0.8
V
3
Operation holding voltage
VHLD
IOUT = 1 mA, Judged by decreasing VIN
voltage gradually
0.7
−
−
V
4
Current consumption 1
ISS1
VDD = 3.3 V
−
132.8
221.3
μA
3
Current consumption 2
ISS2
VDD = 3.3 V
−
16.2
32.4
μA
3
Current consumption during
shutdown
(With shutdown function)
ISSS
OFF
/
ON
V
= 0 V
−
−
0.5
μA
3
EXT pin output current
IEXTH
VDD = 3.3 V
− 10.3 − 20.7
−
mA
3
IEXTL
VDD = 3.3 V
19.2
38.5
−
mA
3
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 0.4 to × 0.6
−
30
60
mV
4
Load regulation
ΔVOUT2
IOUT = 10
μA to VOUT(S) / 50 × 1.25
−
30
60
mV
4
Output voltage temperature
coefficient
OUT
OUT
V
Ta
V
•
Δ
Δ
Ta =
−40 to +85°C
−
±50
−
ppm /
°C4
Oscillation frequency
fOSC
VDD = 3.3 V
510
600
690
kHz
3
Maximum duty ratio
MaxDuty
VDD = 3.3 V
65
78
85
%
3
PWM / PFM switching duty
ratio (For S-8356/58 Series)
PFMDuty
VIN = VOUT(S)
− 0.1 V, No-load
10
15
24
%
3
OFF
/
ON
pin input voltage
(With shutdown function)
VSH
Measured oscillation at EXT pin
0.75
−
−
V
3
VSL1
Judged oscillation stop at
EXT pin
At VOUT
≥1.5 V
−
−
0.3
V
3
VSL2
At VOUT
<1.5 V
−
−
0.2
V
3
OFF
/
ON
pin input current
(With shutdown function)
ISH
OFF
/
ON
V
= VOUT(S)
× 0.95
− 0.1
−
0.1
μA
3
ISL
OFF
/
ON
V
= 0 V
− 0.1
−
0.1
μA
3
Soft start time
tSS
−
1.5
3.0
6.0
ms
4
Efficiency
EFFI
−
−
85
−
%
4
External parts
Coil:
CDRH6D28-100 of Sumida Corporation
Diode:
RB461F (Schottky type) of Rohm Co., Ltd.
Capacitor:
F93 (16 V, 47
μF tantalum type) of Nichicon Corporation
Transistor:
CPH3210 of Sanyo Electric Co., Ltd.
Base resistor (Rb):
1.0 k
Ω
Base capacitor (Cb):
2200 pF (ceramic type)
VIN = VOUT(S)
× 0.6 applied, IOUT = VOUT(S) / 50 Ω,
OFF
/
ON
= VOUT
Remark 1.
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual output voltage.
2.
VDD / VOUT separate type
A step-up operation is performed from VDD = 0.8 V. However, 1.8 V
≤ VDD ≤ 10 V is recommended stabilizing
the output voltage and oscillation frequency. (VDD
≥ 1.8 V must be applied for products with a set value of
less than 1.9 V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com