Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8355 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 33Page - Seiko Instruments Inc S8355 Datasheet HTML 34Page - Seiko Instruments Inc S8355 Datasheet HTML 35Page - Seiko Instruments Inc S8355 Datasheet HTML 36Page - Seiko Instruments Inc S8355 Datasheet HTML 37Page - Seiko Instruments Inc S8355 Datasheet HTML 38Page - Seiko Instruments Inc S8355 Datasheet HTML 39Page - Seiko Instruments Inc S8355 Datasheet HTML 40Page - Seiko Instruments Inc S8355 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
37
3. Using Ceramic Capacitor Example
When using small RESR parts such as ceramic capacitors for the output capacitance, mount a resistor (R1)
corresponding to the RESR in series with the ceramic capacitor (CL) as shown in Figure 26.
R1 differs depending on “L” value, the capacitance, the wiring, and the application (output load).
The following example shows a circuit using R1 = 100 m
Ω, output voltage = 3.3 V, output load = 500 mA and its
characteristics.
EXT
VOUT
VSS
VOUT
SD
CL
L
R1
TR
VIN
CIN
Figure 26 Using Ceramic Capacitor Circuit Example
Table 26
Condition
IC
L Type Name
TR Type Name
SD Type Name
SD Type Name
R1
1
S-8357F33
CDRH6D28-220
FDN335N
M1FH3
10
μF × 2
100 m
Ω
2
S-8358B50
CDRH6D28-470
FDN335N
M1FH3
10
μF × 2
100 m
Ω
3
S-8357N33
CDRH6D28-100
FDN335N
M1FH3
10
μF × 2
100 m
Ω
Caution The above connection diagram and constant will not guarantee successful operation. Perform through
evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com