Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8355 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 28Page - Seiko Instruments Inc S8355 Datasheet HTML 29Page - Seiko Instruments Inc S8355 Datasheet HTML 30Page - Seiko Instruments Inc S8355 Datasheet HTML 31Page - Seiko Instruments Inc S8355 Datasheet HTML 32Page - Seiko Instruments Inc S8355 Datasheet HTML 33Page - Seiko Instruments Inc S8355 Datasheet HTML 34Page - Seiko Instruments Inc S8355 Datasheet HTML 35Page - Seiko Instruments Inc S8355 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
32
Standard Circuits
(
1) S-8357BxxMA, S-8357BxxUA, S-8358BxxMA, S-8358BxxUA
VOUT
EXT
VSS
PWM control circuit or
PWM / PFM switching
control circuit
Phase
compensating
circuit
Oscillation
circuit
Soft start built-in
reference power
supply
+
−
VIN
1 K
Ω
2200 pF
CIN
SD
CL
+
−
+
−
IC
internal
power
supply
Remark
The power supply for the IC chip is from the VOUT pin.
Figure 19
(
2) S-8357BxxMC, S-8357FxxMC, S-8357HxxMC, S-8357NxxMC, S-8358BxxMC, S-8358FxxMC,
S-8358HxxMC, S-8358NxxMC
VOUT
VIN
L
2200 pF
CIN
SD
CL
+
−
+
−
VSS
+
−
OFF
/
ON
EXT
Oscillation
circuit
PWM control circuit or
PWM / PFM switching
control circuit
Soft start built-in
reference power
supply
IC
internal
power
supply
Phase
compensating
circuit
1 K
Ω
Remark
The power supply for the IC chip is from the VOUT pin.
Figure 20
(
3) S-8357ExxMC, S-8357GxxMC, S-8357JxxMC, S-8357PxxMC, S-8358ExxMC, S-8358GxxMC,
S-8358JxxMC, S-8358PxxMC
VOUT
EXT
VSS
VIN
L
2200 pF
CIN
SD
+
−
Oscillation
circuit
PWM control circuit or
PWM / PFM switching
control circuit
Soft start built-in
reference power
supply
VDD
+
−
Phase
compensating
circuit
CC
CL
+
−
RA
RB
IC
internal
power
supply
1 K
Ω
Remark
The power supply for the IC chip is from the VDD pin.
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com