Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8355 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 4Page - Seiko Instruments Inc S8355 Datasheet HTML 5Page - Seiko Instruments Inc S8355 Datasheet HTML 6Page - Seiko Instruments Inc S8355 Datasheet HTML 7Page - Seiko Instruments Inc S8355 Datasheet HTML 8Page - Seiko Instruments Inc S8355 Datasheet HTML 9Page - Seiko Instruments Inc S8355 Datasheet HTML 10Page - Seiko Instruments Inc S8355 Datasheet HTML 11Page - Seiko Instruments Inc S8355 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
8
(3) S-8357 Series
Table 6
Output
voltage
S-8357BxxMC
Series
S-8357BxxMA
Series
S-8357BxxUA
Series
S-8357ExxMC
Series
1.5 V
−
−
−
S-8357E15MC-NKAT2x
2.0 V
−
−
−
S-8357E20MC-NKFT2x
2.5 V
S-8357B25MC-NIKT2x
−
−
−
2.6 V
S-8357B26MC-NILT2x
−
−
−
2.7 V
S-8357B27MC-NIMT2x
−
−
−
2.8 V
S-8357B28MC-NINT2x
−
−
−
3.0 V
S-8357B30MC-NIPT2x
S-8357B30MA-NIPT2G
−
S-8357E30MC-NKPT2x
3.3 V
S-8357B33MC-NIST2x
S-8357B33MA-NIST2G
S-8357B33UA-NIST2x
−
3.6 V
S-8357B36MC-NIVT2x
−
−
−
3.8 V
−
−
S-8357B38UA-NIXT2x
−
4.0 V
S-8357B40MC-NIZT2x
−
−
−
4.8 V
S-8357B48MC-NJHT2x
−
S-8357B48UA-NJHT2x
−
5.0 V
S-8357B50MC-NJJT2x
S-8357B50MA-NJJT2G
S-8357B50UA-NJJT2x
S-8357E50MC-NLJT2x
5.2 V
S-8357B52MC-NJLT2x
−
−
−
5.4 V
S-8357B54MC-NJNT2x
−
−
−
6.0 V
S-8357B60MC-NJTT2x
−
−
−
Table 7
Output
voltage
S-8357FxxMC
Series
S-8357GxxMC
Series
S-8357HxxMC
Series
S-8357JxxMC
Series
2.0 V
−
−
−
S-8357J20MC-NOFT2x
2.5 V
−
−
−
S-8357J25MC-NOKT2x
3.0 V
S-8357F30MC-MGPT2x
−
S-8357H30MC-NMPT2G
−
3.1 V
−
−
S-8357H31MC-NMQT2G
−
3.2 V
S-8357F32MC-MGRT2x
S-8357G32MC-MIRT2x
−
−
3.3 V
S-8357F33MC-MGST2x
S-8357G33MC-MIST2x
−
−
3.5 V
−
−
S-8357H35MC-NMUT2x
−
3.6 V
S-8357F36MC-MGVT2x
−
S-8357H36MC-NMVT2x
−
4.2 V
−
−
S-8357H42MC-NNBT2x
−
5.0 V
S-8357F50MC-MHJT2x
S-8357G50MC-MJJT2x
S-8357H50MC-NNJT2x
S-8357J50MC-NPJT2x
5.2 V
S-8357F52MC-MHLT2x
−
S-8357H52MC-NNLT2x
−
6.5 V
S-8357F65MC-MHYT2x
−
−
−
Table 8
Output
voltage
S-8357NxxMC
Series
3.0 V
S-8357N30MC-O2PT2x
3.3 V
S-8357N33MC-O2ST2x
5.0 V
S-8357N50MC-O3JT2x
5.3 V
S-8357N53MC-O3MT2U
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com