Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9709
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9709 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WM9709
Production Data
w
PD Rev 1.3 February 2003
6
CLOCK SPECIFICATIONS
BITCLK
SYNC
t
CLK_HIGH
t
CLK_LOW
t
CLK_PERIOD
t
SYNC_HIGH
t
SYNC_LOW
t
SYNC_PERIOD
Figure 2 Clock Specifications (50pF External Load)
Note: Worst case duty cycle restricted to 40/60.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK frequency
12.288
MHz
BITCLK period
tCLK_PERIOD
81.4
ns
BITCLK output jitter
750
ps
BITCLK high pulse width
tCLK_HIGH
32.56
40.7
48.84
ns
BITCLK low pulse width
tCLK_LOW
32.56
40.7
48.84
ns
SYNC frequency
48.0
kHz
SYNC period
tSYNC_PERIOD
20.8
µs
SYNC high pulse width
tSYNC_HIGH
1.3
µs
SYNC low pulse width
tSYNC_LOW
19.5
µs
DATA OUTPUT AND INPUT TIMES
BITCLK
SYNC,
SDATAOUT,
SDATAIN
t
CO
t
SETUP
t
HOLD
Figure 3 Data Output and Input Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Setup to falling edge of BITCLK
tSETUP
10.0
ns
Hold from falling edge of
BITCLK
tHOLD
10.0
ns
Output Valid Delay from rising
edge of BITCLK
tCO
15.0
ns
ATE IN CIRCUIT TEST MODE
When the WM9709 is placed in the ATE test mode, its digital AC-link outputs (BITCLK and
SDATAIN) are driven to a high impedance state. This allows ATE in circuit testing of the WM9709.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com