Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9709
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9709 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Production Data
WM9709
w
PD Rev 1.3 February 2003
13
SERIAL INTERFACE REGISTER MAP DESCRIPTION
See Table 1.
Only special production test modes and vendor ID readback are supported by the WM9709 register
map. The test mode addresses are chosen to avoid conflict with any data that might be written to
normal AC’97 register addresses.
None of the typical AC’97 mixer, control, power up/down control functions are supported by the
WM9709.
VENDOR RESERVED REGISTER (INDEX 5AH)
This register is reserved for future use and is vendor specific. Do not write to these registers unless
the Vendor ID register has been checked first to ensure that the driver knows the source of the
AC’97 component. Values stored in this register are used to provide test modes for the
manufacturer.
VENDOR ID REGISTERS (INDEX 7Ch - 7Eh)
This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and
Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0 and
the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0 field is for the
Vendor Revision number. In the WM9709, the vendor ID is set to WML9.
SERIAL INTERFACE REGISTER MAP
The following table shows the function and address of the various control bits that are loaded
through the serial interface during write operations.
Reg.
Num.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
5Ah
Vendor
Reserved
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
7Ch
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
574D
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
REV
7
REV
6
REV
5
REV
4
REV
3
REV
2
REV
1
REV
0
4CO9
Table 1 Serial Interface Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com