Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9709
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9709 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
w
WM9709
AC-link Interface Audio DAC
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, February 2003, Rev 1.3
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM9709 is a low cost, high-quality stereo audio DAC.
It utilises the Intel specified AC-link audio interface protocol,
allowing a pair of audio output channels to be added to any
AC link compliant controller device at minimal board area
and external component cost.
The WM9709 device supports 48ks/s sample rates when
operated at the normal AC link rate. The WM9709 supports
a revision 1.03 AC ’97 AC-link interface, the device acting
as a master in normal operation.
The ID pin can be used to select which data slots on the
AC-link are to be used as input to the DAC. This allows 3 x
WM9709 to be used with a single controller that supports 6
channel sound, to output surround sound audio signals.
When supporting surround, centre or LFE channels, the
WM9709 behaves as a slave device.
The WM9709 device is footprint compatible with the
WM9708 codec, allowing simple swapping between DAC
and full codec features on the same board. The WM9709 is
packaged in a 20-pin SSOP.
FEATURES
•
20-Bit Stereo DAC
•
Audio Performance
−
102dB SNR (‘A’ weighted at 48kHz)
−
-95dB THD
•
Revision 1.03 or higher AC’97 AC-link interface support.
•
3.3V or mixed 3V digital, 5V analogue operation
•
20-Pin SSOP Package
•
Minimal external component cost
•
Support for surround and centre/LFE channels
APPLICATIONS
•
Notebook PC
•
PC sound cards
•
Motherboards
•
Custom sound applications
BLOCK DIAGRAM
LINEOUTR
SERIAL
INTERFACE
SDATAOUT
LINEOUTL
SIGMA
DELTA
MODULATOR
SDATAIN
BITCLK
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
DVDD
AGND
DGND
LOW
PASS
FILTER
LOW
PASS
FILTER
CAP
RIGHT
DAC
LEFT
DAC
AGND
AVDD
SYNC
RESETB
XTLIN XTLOUT
ID
w
WM9709


Similar Part No. - WM9709

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701 WOLFSON-WM9701 Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9701ACFT/V WOLFSON-WM9701ACFT/V Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9703CFT/V WOLFSON-WM9703CFT/V Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
More results

Similar Description - WM9709

ManufacturerPart #DatasheetDescription
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
USB Audio DAC
logo
Analog Devices
MT-019 AD-MT-019 Datasheet
351Kb / 14P
DAC Interface Fundamentals
Rev.A, 10/08, WK
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com