Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9709 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9709
Description  AC LINK INTERFACE AUDIO DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9709 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9709 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9709 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Production Data
WM9709
w
PD Rev 1.3 February 2003
9
DEVICE DESCRIPTION
INTRODUCTION
WM9709 contains a minimal subset of a revision 1.03 AC’97 compliant audio codec.
WM9709 comprises a stereo 20-bit DAC and an Intel revision 1.03 AC-link compatible interface. No
internal volume control stages, mute function or power down registers are provided. Vendor ID data
may be read back from registers 7C and 7E. The SDATAIN output pin is used for outputting digital
signals during manufacturing test, but does not output signals in normal operation.
The DACs on WM9709 are implemented using a multi-bit switched capacitor sigma delta
architecture which gives inherently low out of band noise and reduced clock jitter sensitivity.
An internally generated mid-rail reference is provided at pin CAP which is used as the chip
reference. This pin should be heavily de-coupled. See Figure 11.
CONTROL AND DATA INTERFACE
A digital interface to control and transfer to and from the WM9709 has been provided. This serial
interface is compatible with the Intel revision 1.03 AC-link specification.
The main control interface functions are:
•
Transfer of DAC words from AC-link controller.
•
Control of test modes.
•
Readback of vendor ID.
AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL
WM9709 incorporates a 5 pin digital serial interface that links it to the AC-link controller. The AC-link
is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input, and output audio
streams, as well as control register accesses employing a time division multiplexed (TDM) scheme.
The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming data streams,
each with 20-bit sample resolution. WM9709 provides support for up to 20-bit operation of outgoing
DAC data only. No incoming data is provided other than readback of vendor ID. A read request to
any address other than 7C or 7E will respond with all 0s.
SLOT #
SYNC
OUTGOING
STREAMS
INCOMING
STREAMS
TAG PHASE
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
OPT
MDM CDC
CENTR
ER
LSURR
RSURR
LFE
RSRVD
RSRVD
RSRVD
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
OPT
MDM CDC
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
DATA PHASE
01
2345
6
789
10
11
12
Figure 8 AC-link Standard Bi-directional Audio Frame
Synchronisation of all AC-link data transactions is signaled by the WM9709 controller. When
WM9709 operates as a master (ID = ‘lo’, normal operation) WM9709 drives the serial bit clock
BITCLK onto the AC-link, which the AC-link controller then qualifies with a synchronisation signal to
construct audio frames. When a multi channel system is implemented using 2 or 3 WM9709 or other
AC’97 devices, one of the AC link devices MUST be a master. Other WM9709 devices used as
surround or centre/LFE channel devices (by selecting ID = high or ‘Z’) act as slaves. In this case
BITCLK is an input. The system clock is not required for slave devices, which use BITCLK for all
internal functions. The BITCLK input is used for all internal filtering operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com