Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB2513 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ABB2513
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2513 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ABB2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2513
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1200
MHz
Noise Figure
2.7
2.9
3.3
dB
Gain
14.1
13.8
12.8
dB
S11
-16
-18
-16
dB
S22
-18
-18
-17
dB
Output IP31)
43
43
42
dBm
Output IP22)
67
dBm
Output P1dB
25
25
25
dBm
CSO
663)
dBc
CTB
603)
dBc
Current
280
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1 = 400 MHz + F2 = 450 MHz) at an output power of +10 dBm/tone.
3) CSO & CTB measured at Pout = 101 dB
V flat for NTSC 77 channels.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Noise Figure
2.9
dB
Gain
12.8
13.8
14.8
dB
S11
-18
dB
S22
-18
dB
Output IP31)
43
dBm
Output IP22)
67
dBm
Output P1dB
25
dBm
Current
240
280
320
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1= 400 MHz + F2 = 450 MHz) at an output power of +10 dBm/tone.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com