Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB2513 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ABB2513
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2513 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ABB2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2513
2.3
Pin Configuration
Pin
Description
Simplified Outline
1,4
RF_IN
1
2
3
4
5
6
7
8
2, 3, 6, 7
NC or GND
5, 8
RF_OUT & Bias
2.4
Absolute Maximum Ratings, TA = +25
C
Parameters
Max. Ratings
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Device Current
360 mA
Power Dissipation
+1.8 W
Junction Temperature
+150
C
Input RF Power (CW, 75
 matched)
+26 dBm
Note: operation of this device in excess of any of these limits may cause permanent damage.
2.5
Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
32
C/W
2.6
ESD Classification & Moisture Sensitivity Level
ESD Classification
HBM
Class 1A
CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can
be damaged by static electricity. Proper ESD control techniques should be used when
handling these devices.
Moisture Sensitivity Level
MSL 3 at 260
C reflow
(Intentionally Blanked)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com