Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB2513 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ABB2513
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2513 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ABB2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2513
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-S8-H8
3. Application: 50 ~ 1200 MHz (Vdevice = +5 V)
3.1
Application Circuit & Evaluation Board
C1
C3
C5
C2
C4
C6
L3
L4
T1_MABA_007159
T2_MABA_007159
C9
C7
C8
L1
L2
ABB2513
RF IN
Vdevice = +5 V
Vdevice = +5 V
RF OUT
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ABB2513
-
-
MMIC Amplifier
ASB
C1, C2, C3, C4
1
F
0603
DC blocking capacitor
Murata
C5, C6
10
F
0805
Decoupling capacitor
Murata
C7, C8
0.3 pF
0402
Matching capacitor
Murata
C9
1.5 pF
0603
Matching capacitor
Murata
L1, L2
470 nH
1206
RF choke inductor
Murata
L3, L4
2.2 nH
0603
Matching inductor
Murata
T1, T2
1:1
-
Transformer balun
MACOM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com