Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB2513 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ABB2513
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2513 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ABB2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2513
1. Product Overview
1.1
General Description
ABB2513, a wide-band linear push-pull amplifier MMIC, has high linearity and low noise over a wide
range of frequency from 50 MHz to 1200 MHz, being suitable for use in the fiber receiver, distribution
amplifiers, and drop amplifiers of CATV. The amplifier is available in an SOIC8 package and passes
through the stringent 100% DC & RF test in an automated test handler.
1.2
Features
 Low-noise and high linearity
 Wide-band CATV application at 50 ~ 1200 MHz
 75 input & output matching
 Robust under hard operation conditions
 13.8 dB gain at 500 MHz
 CSO of 66 dBc, CTB of 60 dBc
@ Pout = 101 dB
V flat for NTSC 77 channels, device voltage = +5 V
 Single supply: +5 V
1.3
Applications
 CATV Forward at 50 ~ 1200 MHz
 HFC Nodes, Head-end Equipment
1.4
Package Profile & RoHS Compliance
SOIC8, 6.0x4.8 mm2, surface mount
RoHS-compliant
ABB2513 Data Sheet
50 ~ 1200 MHz CATV Push-pull Amplifier MMIC


Similar Part No. - ABB2513

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
More results

Similar Description - ABB2513

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
Push Pull CATV Amplifier 50 - 1000 MHz
logo
Advanced Semiconductor ...
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com