Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2004
1
M9999-072004
MIC79110
Micrel
MIC79110
Simple 1.2A Linear Li-Ion Battery Charger
General Description
The Micrel MIC79110 is a simple and accurate lithium ion
battery charger. Featuring a built-in pass transistor, precision
programmable current limiting (±5%), and precision voltage
termination (±1.5% over temperature) all in a very small
package, the MIC79110 packs full functionality into a small
space.
Other features of the MIC79110 include two independent
end-of-charge indications, including a digital indication that is
programmable with a resistor-to-ground and an analog cur-
rent output that is proportional to the output current, allowing
for monitoring of the actual charging current.
Additional
features include very low dropout (500mV over the tempera-
ture range), thermal shutdown, and reverse polarity protec-
tion. In the event the input voltage to the charger is discon-
nected, the MIC79110 also provides minimal reverse-current
and reversed-battery protection.
Available in both fixed 4.2V and adjustable outputs, the
MIC79110 is offered in the leadless 3mm x 3mm MLF-10 with
an operating junction temperature range of –40˚C to +125˚C.
Typical Application
VIN
SD
REOC
RSET
BAT
SNS
DEOC
ACHG
GND
MIC79110
4.2V
Li-Ion
Cell
10k
Ω
VIN
SHUTDOWN
ENABLE
4k
Ω
1k
Ω
167
Ω
4.2VBAT
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Features
• Input voltage range: 2.5V to 16V
• High output voltage accuracy of ±0.75% over –5°C to
+60˚C and ±1.5% over temperature
• Current Limit ±5% accurate from –5°C ≤ Tj ≤ + 125°C
• Programmable End-of-Charge Flag
• Analog output proportional to output current
• Adjustable and Fixed 4.2V Output
• Low dropout voltage of 500mV at 700mA load, over
temperature
• 1.2A output current
• Excellent line and load regulation specifications
• Reverse current and reverse battery protection
• Thermal shutdown and current limit protection
• Tiny 3mm × 3mm MLF™-10 package
• Junction Temperature Range: –40°C to +125°C
Applications
• Cellular phones
• PDAs
• Digital cameras
• Camcorders
• MP3 players
• Notebook PCs
• Portable Meters
• Cradle chargers
• Car chargers
• Battery packs
MLF and
MicroLeadFrame is a trademark of Amkor Technology.


Similar Part No. - MIC79110

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110 Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110 MICREL-MIC79110 Datasheet
1Mb / 16P
Simple 1.2A Linear Li-ion Battery Charger
MIC79110-4.2BML MICREL-MIC79110-4.2BML Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110-4.2YML MICREL-MIC79110-4.2YML Datasheet
1Mb / 16P
Simple 1.2A Linear Li-ion Battery Charger
MIC79110BML MICREL-MIC79110BML Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
More results

Similar Description - MIC79110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
Micrel Semiconductor
MIC79110 MICREL-MIC79110_07 Datasheet
565Kb / 14P
Simple 1.2A Linear Li-Ion Battery Charger
MIC79110 MICREL-MIC79110_13 Datasheet
1Mb / 16P
Simple 1.2A Linear Li-ion Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com