Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
July 2004
5
M9999-072004
MIC79110
Micrel
40
45
50
55
60
65
70
75
80
-40 -20
0
20
40
60
80 100
TEMPERATURE (ºC)
Ground Current vs.
Temperature
ISET = 1.2A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0.2 0.4 0.6 0.8
1
1.2 1.4
BATTERY CURRENT (A)
Battery Current
vs. Battery Voltage
R
SET
= 165k
Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1234
5
SUPPLY VOLTAGE (V)
Dropout
Characteristics
I
BAT = 0A
I
BAT = 1.2A
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0.1
1
10
100
1000
FREQUENCY (kHz)
PSRR
50mA
0mA
250mA
500mA
V
IN
= V
OUT+1V
V
OUT = 4.2V
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
BAT
= 0A
0
10
20
30
40
50
60
0
200 400 600 800 1000 1200
BATTERY CURRENT (mA)
Battery Current vs.
Ground Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Battery Voltage
vs. Temperature
I
BAT=0A
VOUT = 4.2V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1234
5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
BAT=0A
0
10
20
30
40
50
60
0
1234
5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
BAT=1.2A
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
1.2
BATTERY CURRENT (A)
Dropout Voltage
V
OUT=4.2V
0
5
10
15
20
25
30
35
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
I
BAT=0A
0.90
0.95
1.00
1.05
1.10
1.15
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Shutdown Threshold
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com