Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC79110 Datasheet HTML 1Page - Micrel Semiconductor MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC79110
Micrel
M9999-072004
4
July 2004
Block Diagram
VIN
SD
RSET
VREF
BAT
DEOC
GND
ACHG
REOC
SNS
Current
Limit Set
Thermal
Shutdown
End of
Charge
Detect
+
Current
Limit Sense
MIC79110 Block Diagram
3. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
For outputs below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.5V. Minimum input operating
voltage is 2.5V.
4. Vnom denotes the nominal output voltage.
5. IR
SET = (0.2V/RSET) * 1000
6. Output Current I
EOC when Digital End-of-Charge output goes high impedance. Currents greater than IEOC, the DEOC output is low, currents lower
than I
EOC, DEOC is high impedance.
7. I
EOC = (0.2V/REOC) * 1000
8. I
SOURCE is the current output from ACHG pin. A resistor to ground from the ACHG pin will program a voltage that is proportional to the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com