Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC79110 Datasheet HTML 2Page - Micrel Semiconductor MIC79110 Datasheet HTML 3Page - Micrel Semiconductor MIC79110 Datasheet HTML 4Page - Micrel Semiconductor MIC79110 Datasheet HTML 5Page - Micrel Semiconductor MIC79110 Datasheet HTML 6Page - Micrel Semiconductor MIC79110 Datasheet HTML 7Page - Micrel Semiconductor MIC79110 Datasheet HTML 8Page - Micrel Semiconductor MIC79110 Datasheet HTML 9Page - Micrel Semiconductor MIC79110 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC79110
Micrel
M9999-072004
10
July 2004
Simple Charger - External Trigger to Reset Charge
Cycle reset
200Ω
2kΩ
SD
VIN
RSET
VSENSE
VBAT
VIN
GND
REOC
DEOC
ACHG
1MΩ
CDELAY
0.1µF
Reset charge cycle.
The V
IN voltage steps up to a voltage greater than VBAT.
When Vin is below Vbat, the Ibat current is near zero and the
reverse shutoff circuit is turning the charge to the battery off.
The I
BAT slowly increases as VIN rises above VBAT. DEOC is
pulled low when the Ibat current is above the Ieoc current set
by R
EOC. When the DEOC is low, the shutdown pin is also
forced low and helps discharge C
SD. When the VBAT reaches
the set voltage, the Ibat begins to slowly drop. When the Ibat
is less than the I
EOC threshold, the DEOC output goes high
impedance, indicating end-of-charge. When an external sig-
nal is applied to the gate, the external N
CH pulls the SD and
DEOC pins to ground. This restarts the charging process.
External Trigger to Reset Charge Cycle Reset
1 - V
IN steps up to a voltage greater than VBAT.
2 - SD held low by C
SD until active high DEOC pulls
shutdown low.
3 - Deoc releases SD, resistor pull-up from SD pin'vo
V
IN pulls VSD to VIN.
4 - An external signal applied to the gate of the
external N
CH pulls SD pin-to-ground.
5 - Ibattery is near zero (2 to 4µA) because VIN is
below V
BAT and the reverse shutoff circuit is turn-
ing the charge to the battery off.
6 - I
BAT is decreased as VBAT approaches VBAT set
voltage. I
BAT decreases below the DEOC threshold
and D
EOC is released high allowing VSD to go high
7 - External N
CH turns part on, after a small delay IBAT
turns on.
8 - Active high DEOC pin goes high because of
reverse shutoff. D
EOC remains high until IBAT ex-
ceeds D
EOC threshold, then goes low.
9 - I
BAT decreases below (see #5) DEOC threshold.
10 - Active low D
EOC is high because VIN is below
V
BAT and reverse shutoff holds DEOC comparator
off. As V
IN increases above VBAT, the reverse
voltage shutoff turns off, D
EOC comparator be-
comes active. While I
BAT is below DEOC threshold
D
EOC active low goes low, when IBAT exceeds
D
EOC threshold IBAT goes high.
11 - Legitimate Activation of active low D
EOC until SD
shuts down part and D
EOC AL (active low) goes
high.
Vin
VSD
Vbat set voltage
Vbat
SD threshold
2
2
1
Vgate
4
5
6
3
Ibattery
7
8
Active high DEOC pin
9
10
Active low DEOC pin
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com