Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC79110BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC79110BML Datasheet HTML 2Page - Micrel Semiconductor MIC79110BML Datasheet HTML 3Page - Micrel Semiconductor MIC79110BML Datasheet HTML 4Page - Micrel Semiconductor MIC79110BML Datasheet HTML 5Page - Micrel Semiconductor MIC79110BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110BML Datasheet HTML 9Page - Micrel Semiconductor MIC79110BML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC79110
Micrel
M9999-072004
6
July 2004
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100 200 300 400 500 600
BATTERY CURRENT (mA)
Battery Current
vs. Battery Voltage
R
SET
= 2k
Ω
V
IN = VOUT+1V
V
OUT = 4.2V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
SET (kΩ)
Battery Current
vs. R
SET
V
IN = VOUT+1V
V
OUT = 4.2V
0
100
200
300
400
500
600
700
800
900
1000
4 3.5 3 2.5 2 1.5 1 0.5 0
R
EOC (kΩ)
D
Threshold
EOC
vs. R
EOC
0
2
4
6
8
10
12
14
0123456789 10
BATTERY VOLTAGE (V)
Reverse Current
vs. Battery Voltage
V
IN=0V
V
RSET=0V
0
5
10
15
20
25
30
35
40
45
50
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
D
EOC
Hysteresis
499
500
501
502
503
504
505
-5
5
152535
4555
TEMPERATURE (°C)
Battery Current
RSET = 40Ω
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Reverse Battery Curren
vs. Temperature
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com