Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC79110BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110BML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC79110BML Datasheet HTML 2Page - Micrel Semiconductor MIC79110BML Datasheet HTML 3Page - Micrel Semiconductor MIC79110BML Datasheet HTML 4Page - Micrel Semiconductor MIC79110BML Datasheet HTML 5Page - Micrel Semiconductor MIC79110BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110BML Datasheet HTML 9Page - Micrel Semiconductor MIC79110BML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
July 2004
9
M9999-072004
MIC79110
Micrel
capacity. An increase in the charge current during stage 1
does not shorten the total charge time. It will only shorten the
time for stage 1 to complete and lengthen the time in stage 2.
The lithium-ion loses charge due to aging whether it is used
or not. Do not store the batteries at full charge and high heat
because it will accelerate the aging process. Try and store
with 40% charge and in a cool environment.
Lithium-Ion Safety Precautions
Every lithium ion battery pack should have a safety board
which monitors the charge and discharge of the pack and
prevents dangerous occurrences. The specifications of these
safety boards are dictated by the cell manufacturer and may
include the following:
• Reverse polarity protection
• Charge temperature must not be charged when
temperature is lower than 0°C or above 45°C.
0
Start Charging
Lithium-Ion
Battery
Shutdown
Pin
Deoc Flag is Low
Continue Charge
Charging
Monitor Ibat
Deoc Flag is High
Stop Charge
Battery
Charging
Stop Charge
End of Charge
Ibat
Stop Charge
Current Limit
Ieoc<Ibat<Irset
Standby Mode
Do not charge
<Ieoc
Battery Voltage
Die
Temperature
Irset
<Ieoc
1
>4.3V
>125C
<125C
<4.3V
• Charge current must not be too high, typically
below 0.7C
• Discharge current protection to prevent damage
due to short circuits.
• Protection circuitry for over voltage applied to the
battery terminals.
• Overcharge protection circuitry to stop charge
when the voltage per cell rises above 4.3V.
• Over discharge protection circuitry to stop dis-
charge when the battery voltage falls below 2.3V
(varies with manufacturer).
• Thermal shutdown protection for the battery if the
ambient temperature is above 100°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com