Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC79110BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC79110BML Datasheet HTML 1Page - Micrel Semiconductor MIC79110BML Datasheet HTML 2Page - Micrel Semiconductor MIC79110BML Datasheet HTML 3Page - Micrel Semiconductor MIC79110BML Datasheet HTML 4Page - Micrel Semiconductor MIC79110BML Datasheet HTML 5Page - Micrel Semiconductor MIC79110BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC79110
Micrel
MICxxxx/xxxx
X-2 DRAFT Rev m/03-A
Month 2003
Ordering Information
Part Number
Voltage
Marking
Junction Temp. Range
Package
MIC79110-4.2BML
4.2V
L942
–40°C to +125°C
10-lead 3mm × 3mm MLF™
MIC79110BML
ADJ
L9AA
–40°C to +125°C
10-lead 3mm × 3mm MLF™
Pin Configuration
Pin Description
Pin Number
Pin Name
Pin Function
1
SD
Shutdown Input. Logic High = Off; Logic Low = On
2R
SET
Current limit: Sets constant current limit threshold via an external resistor to
ground. IR
SET = (0.2V/RSET) × 1000
3
SNS
(Fixed voltage only): Sense output, connect directly to battery
3
ADJ
(Adjustable voltage only): Feedback input.
4
BAT
Battery Terminal. Connect to single-cell lithium-ion battery.
5, 6
V
IN
Input supply pin.
7A
CHG
Analog Charge Indicator Output: Current source output equal to 1/1000th of
the output current.
8D
EOC
Digital End-of-Charge Output: N-Ch open drain output. Low indicates
charging, a current that is higher than the programmed current set by R
EOC
is charging the battery. When the current drops to less than the current set
by R
EOC, the output goes high impedance, indicating end-of-charge.
9R
EOC
End-of-Charge Set: Sets end-of-charge current threshold via an external
resistor to ground. I
EOC = (0.2V/REOC) × 1000
10
GND
Ground
VIN
VIN
5
1
SD
RSET
SNS
BAT
10 GND
REOC
DEOC
ACHG
9
8
7
2
3
4
6
VIN
VIN
5
1
SD
RSET
ADJ
BAT
10 GND
REOC
DEOC
ACHG
9
8
7
2
3
4
6
3mm x 3mm Fixed Output
3mm x 3mm Adjustable Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com