Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC79110BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC79110BML Datasheet HTML 1Page - Micrel Semiconductor MIC79110BML Datasheet HTML 2Page - Micrel Semiconductor MIC79110BML Datasheet HTML 3Page - Micrel Semiconductor MIC79110BML Datasheet HTML 4Page - Micrel Semiconductor MIC79110BML Datasheet HTML 5Page - Micrel Semiconductor MIC79110BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
July 2004
3
M9999-072004
MIC79110
Micrel
Absolute Maximum Ratings (1)
Input Supply Voltage (V
IN) .................................. 0V to 18V
Shutdown Input Voltage (V) ................................ 0V to 18V
Output Voltage (ADJ) .................................................... 10V
Power Dissipation .................................... Internally Limited
Junction Temperature .............................. –40°C to +125°C
Operating Ratings (2)
Input Supply Voltage ........................................ 2.5V to 16V
Shutdown Input Voltage (V) .................................. 0V to 7V
Output Voltage (ADJ) ................................................... 9.6V
Junction Temperature Range (T
J) ........... –40°C to +125°C
θJA (MLF™-10) ........................................................ 60°C
θJC (MLF™-10) ......................................................... 2°C
Electrical Characteristics
T
A = 25°C with VIN = VOUT + 1V; ILOAD = 100µA ; CBATT = 10µF; SD = 0V; RSET=1kΩ. Bold values indicate –40ºC < TJ < +125°C;
unless otherwise specified.
Parameter
Condition
Min
Typ
Max
Unit
Output Voltage Accuracy
Variation from V
OUT = 4.2V; TJ = –5°C to +60°C; ILoad = 50mA
–0.75
+0.75
%
–1.5
+1.5
%
ADJ Pin Voltage Accuracy
0.5955
0.6
0.6045
V
Line Regulation
V
IN = Vout + 1V to 16V @ ILOAD = 50mA
–0.1
+0.1
%/V
Load Regulation
I
LOAD = 0.1mA to 1A
0.3
%
Dropout Voltage(3)
I
LOAD = 100mA, Rset = 167Ω
160
250
mV
I
LOAD = 700mA, Rset = 167Ω
375
550
mV
Ground Current
I
LOAD = 10mA, Rset = 167Ω
23
mA
I
LOAD = 700mA, Rset = 167Ω
24
35
mA
V
IN Pin Current
SD = V
IN
120
300
µA
Shutdown Pin Current
SD = 5.2V, V
BAT = 0
0.1
5
µA
Shutdown Input Threshold
Logic High, regulator off
1.1
V
Logic Low, regulator on
0.9
V
Shutdown Hysteresis
60
mV
Current Limit Accuracy(4, 5)
V
OUT = 0.9 × VNOM; IOUT = 1.2A,
–5
+5
%
R
SET = 167Ω, TJ = –40°C to +85°C
V
OUT = 0.9 × VNOM; IOUT = 0.1A,
–20
+20
%
R
SET = 2kΩ
Current Limit Setpoint Range(5)
0.1
1.2
A
Maximum Current Limit
R
SET shorted to ground, VBAT = 0.9 × VNOM
1.25
1.65
2.5
A
V
BAT Reverse Current
V
IN = High impedance or ground
4.2
20
µA
Digital End–of–Charge (D
EOC) Output
I
EOC
(6, 7)
R
EOC = 4kW Current Falling
35
50
65
mA
30
70
mA
I
EOC
(6, 7)
R
EOC = 4kW Current Rising
50
70
95
mA
40
100
mA
D
EOC Logic–Low Voltage
I
DEOC = 5mA, IBAT = 700mA
0.74
0.95
V
D
EOC Leakage Current
Logic High = V
IN = 16V
0.1
µA
D
EOC On Resistance
V
IN = +5V
150
190
Ω
R
EOC Maximum Current Limit
R
EOC shorted to ground
0.5
1.0
2.0
mA
Analog Charge Indicator (A
CHG) Output
I
SOURCE
(8)
I
BAT = 50mA
45
46
55
µA
I
BAT = 1.2A, TJ = –40°C to +85°C
800
950
1150
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com