Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5509WSC Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 38Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 42Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
39
ADDR Byte
Bits
R/W
Name
Description
Default
0x46
3
23:0
R/W
iSenseGain
Gain of current sense loop,
normalized to 32
Read/Write to OTP if
SenseGPGMEN = 1
Read/Write to local register if
SenseGPGMEN = 0
(MTP)
0x47
3
23:0
R/W
Rapp
Application resistance, normalized
to 32
0
0x48
1
7:0
R/W
rMaxExcess
Maximum allowable DCR growth
ratio
1/256 to 255/256
0
0x49
2
15:11
R/W
Reserved
10:8
R/W
PdictWeightExp
PdictWeight = PdictWeightMant *
2^PdictWeightExp
PdictWeightExp = 0 to 7
3’h7
7:0
R/W
PdictWeightMant
1/128 to 255/128, 0x80 normalized
to 1
8’h80
0x4A
2
15:10
R/W
Reserved
9:8
R/W
KpExp
Kp = KpMant * 2^KpExp
KpExp = 0 to 3
2’h3
7:0
R/W
KpMant
1/128 to 255/128, 0x80 normalized
to 1
8’h80
0x4B
1
7:0
R/W
KiKpRatio
The ratio of Ki/Kp
1/256 to 255/256
8’h3
0x4C
1
7:0
R/W
InitDCRIDMu
Initial adaptation step size
1/256 to 255/256
8’h40
0x4D
1
7:0
R/W
DCRIDMu
Normal adaptation step size
1/1024 to 255/1024
8’h04
0x4E
3
23:0
R/W
CalibDCR
Factory calibrated DC resistor
Read/Write to OTP if DCRPGEN =
1
Read/Write to local register if
DCRPGEN = 0
(MTP)
0x4F
2
15:0
R/W
CalibBL
Factory calibrated BL factor
Read/Write to OTP if BLPGEN = 1
Read/Write to local register if
BLPGEN = 0
CalibBL = reg[0x4f] / 2^15
(MTP)
0x50
1
7
R/W
CalibEn
Trigger the calibration to start;
self-cleared
0
0
R
CalibRDY
The calibration output is ready for
software reading
0
0x51
2
15:0
R/W
CalibReq
Calibration frequency
= round (2 * f_Hz / fs * 65536); fs =
48000
16’h0000
0x52
2
15:0
R/W
GalibGain
Gain of the signal, ranged in [0,1),
bit[15] is sign-bit and should be 0 for
positive value
16’h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com