Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5509WSC Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 25Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 26Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 27Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 28Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 29Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 30Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 31Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 32Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
29
ADDR Byte
Bits
R/W
Name
Description
Default
0x03
1
7:6
Reserved
5
R/W
D_EN_TRIWAVE
Enable triangle wave generator
0
4
R/W
AMPDS
Soft off mode enable
0 : Enter soft mode before off mode
1 : enter off mode directly
0
3
R/W
AMPE
Class D Enable
0 : disable Class D
1 : enable Class D
0
2
R/W
SPKM
Speaker protection mute
0 : disable speaker protection mute
1 : enable speaker protection mute
0
1
R/W
SPKE
Speaker protection block enable
0 : disable speaker protection
1 : enable speaker protection
0
0
R/W
PWDN
Chip power down control
0 : chip enable
1 : chip power down
1
0x04
1
7:6
Reserved
4
R/W
DSP_MODE_SEL
0 : DSP_MODE_A
1 : DSP_MODE_B
0
3:2
R/W
AUD_FMT[1:0]
00 : I2S
01 : Left Justify
10 : Right Justify
2’b00
1:0
R/W
AUD_BITS[1:0]
00 : 24 Bits
01 : 20 Bits
10 : 18 Bits
11 : 16 Bits
2’b00
0x05
1
7
R
BCK_VALID
BCK stable and match with
BCK_MODE setting
0
6
R/W
BCK_MODE_DET_EN
Check BCK_VALID to enable audio
path
0 : without check BCK_VALID
1 : check BCK_VALID
0
4:3
R/W
BCK_MODE[1:0]
BCK Mode Select
00 : 32fs
01 : 48fs
Others : 64fs
2'b10
2:0
R/W
SR_MODE[1:0]
Sampling Rate Select
000 : 8K
001 : 12K/11.025K
010 : 16K
011 : 24K/22.05K
100 : 32K
101 : 48K/44.1K
110 : 96K/88.2K
111: 192K/176.4K
3'b101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com