Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5509WSC Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 28Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 29Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 30Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 31Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 32Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 33Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5509-00
August
2017
32
ADDR Byte
Bits
R/W
Name
Description
Default
0x09
1
7
R/W
ORDER_DSP
0 : EQ  BWE  DRC
1 : DRC  EQ  BWE
1
6
R/W
STRSYNC
Gain Synchronize in stereo mode
0 : Don’t sync
1 : Sync to use minimum gain from
two channels
0
5
R/W
LMTEN
Limiter Enable
0 : Disable
1 : Enable
0
4
R/W
ALCEN
ALC gain Control enable
0 : disable
1 : enable
0
3
R/W
MBDRCEN
Multi-Band DRC Enable
0 : Disable
1 : Enable
0
2
R/W
BWEEN
LPF + BWE enable
0 : disable, output zero at lower
branch
1 : enable
0
1
R/W
HPFEN
HPF enable
0 : Bypass at upper branch
1 : enable
0
0
R/W
BQEN
10 Band BQ Enable
0 : Bypass 10 band BQ
1 : Enable 10 band BQ
0
0x10
1
7:3
Reserved
0
2:0
R/W
VBCPS
Clip threshold setting
000 : 4.0V
001 : 3.75V
010 : 3.6V
011 : 3.45V
100 : 3.3V
101 : 3.15V
110 : 3V
111 : 2.85V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com