Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5509WSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
7
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Clock Data Fall Time
tF
20
--
300
ns
Clock Data Rise Time
tR
20
--
300
ns
Spike Suppression Time
tSP
--
--
50
ns
I
2S Interface Electrical Characteristics
(Note 5)
High-Level Input Voltage
VIH
0.7x
DVDD
--
--
V
Low-Level Input Voltage
VIL
--
--
0.3x
DVDD
V
Setup Time, LRCK to SCLK
Rising Edge
tsu1
10
--
--
ns
Hold Time, LRCK from SCLK
Rising Edge
th1
10
--
--
ns
Setup Time, SDIN to SCLK
Rising Edge
tsu2
10
--
--
ns
Hold Time, SDIN from SCLK
Rising Edge
th2
10
--
--
ns
Rise/Fall Time for
SCLK/LRCLK
tr
--
--
8
ns
Note 1. Continuously s
tresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guaranteed by design.
Note 6. The switching terminal should be used within AC peak limits. Overshoot and undershoot must be less than 100ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com