Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP4008B Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # OP4008B
Description  Quartz SAW Stabilized and Filtered ?쏡iff Sine??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4008B Datasheet(HTML) 3 Page - RF Monolithics, Inc

  OP4008B Datasheet HTML 1Page - RF Monolithics, Inc OP4008B Datasheet HTML 2Page - RF Monolithics, Inc OP4008B Datasheet HTML 3Page - RF Monolithics, Inc OP4008B Datasheet HTML 4Page - RF Monolithics, Inc OP4008B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
669.327 MHz
Optical Timing Clock
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4008B-041003
Load Recommendations for the OP4008B
The Q and Q outputs of RFM's OPB-series of SAW
clocks are AC-coupled internally. This allows customers
to set the DC level of the outputs with a simple resistor
pair on each output to drive most any application.
R1
V
R1
R2
R2
3.3V
V
Load
V
OP4005B
DC
LOAD
VDC
TUNE
1)
2)
V
load x R1
R1 + R2
1 + 1 = 1
R1 R2
50
Vdc=
Load Type
Vdc
R1
R2
Vload
10k 3.3 V PECL
1.95
120
91
3.3 V
100k 3.3 V PECL
1.88
120
91
3.3 V
10k 5 V PECL
3.65
180
68
5.0 V
100k 5 V PECL
3.58
180
68
5.0 V
10k -5 V NECL
-1.30
240
62
-5.0 V
100k -5 V NECL
-1.42
240
62
-5.0 V
Note that the OPB parts will drive negative ECL loads by applying negative voltage to the Vload points in the circuit.
Vdc is the DC level desired on the outputs.
Vload is the DC supply on the load resistors (typically 3.3 V).
Equations 1 & 2 describe the voltage divider created by R1 & R2 and the equilivent load impedence set by the parrellel com-
bination of R1 & R2.
A given load type will have specifications that set Vdc. Choose an available Vload that is 2x to 3x larger than the desired Vdc.
This will allow R1 to be expressed in terms of R2 as in equation 1. By substituting this result in equation 2, a value for R2
will result. Solving equation 1 for R1 with the known R2 is the last step.
Table 1 has some typical values for Vdc & Vload for various ECL loads along with R1 & R2 values that are standard.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com