Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP4008B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # OP4008B
Description  Quartz SAW Stabilized and Filtered ?쏡iff Sine??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4008B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  OP4008B Datasheet HTML 1Page - RF Monolithics, Inc OP4008B Datasheet HTML 2Page - RF Monolithics, Inc OP4008B Datasheet HTML 3Page - RF Monolithics, Inc OP4008B Datasheet HTML 4Page - RF Monolithics, Inc OP4008B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
669.327 MHz
Optical Timing Clock
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4008B-041003
OP4008B Tuning
The OP4008B will tune from 0 to 5 volts as shown in
the adjacent plot. For normal use in a PLL, the tuning
voltage will not change much from the nominal oper-
ating point. The operating point is determined by: (1)
the temperature of the OP4008B case, (2) the refer-
ence frequency from the PLL, and (3) the internal
characteristics of the key components used in the
OP4008B part. Although the nominal operating point
may be different from part to part by up to 1 volt, the
locked operation of the part in a PLL will not tune
more than 0.5 volts, allowing good linearity over the
operating range.
OP4008B
669
669.1
669.2
669.3
669.4
669.5
669.6
669.7
669.8
0
4
6
MHz
Tune Volts
2
REF
holdover
Xtal
Loop Filter
Tune
+Vcc
Q
Q
N
.
.
Typical PLL
OP4008B
RFM's OPB-series Voltage Controlled SAW Clocks are designed for use in Phase Lock Loops (PLL’s) for optical timing ap-
plications. PLL operating parameters such as loop bandwidth are typically determined by optical timing requirements, and
noise reduction demands in a given system. The phase noise in the OP4008B Clock is good enough to allow the loop band-
width to be set at 100 Hz or less. Optical timing systems containing multiple or cascaded timing loops have additional con-
siderations that apply. For example, jitter peaking is often determined by VCO linearity.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com