Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP4008B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # OP4008B
Description  Quartz SAW Stabilized and Filtered ?쏡iff Sine??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4008B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  OP4008B Datasheet HTML 1Page - RF Monolithics, Inc OP4008B Datasheet HTML 2Page - RF Monolithics, Inc OP4008B Datasheet HTML 3Page - RF Monolithics, Inc OP4008B Datasheet HTML 4Page - RF Monolithics, Inc OP4008B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4008B-041003
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 9
669.327
MHz
Tuning Range
2
±100
ppm
Tuning Voltage
1
0
+3
V
Tuning Linearity
1, 8
±3
%
Tuning Sensitivity
df/dv
2,10
140
300
ppm/V
Modulation Bandwidth
125
265
kHz
Q and Q Output
Voltage into 50
Ω (VSWR≤1.2)
VO
1,3
0.60
1.1
VP-P
Operating Load VSWR
1,3
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-30
dBc
Nonharmonic Spurious
3, 4, 6, 7
-60
dBc
Phase Noise
@100 Hz offset
-75
dBc/Hz
@ 1 kHz offset
-105
dBc/Hz
@ 10 k offset
-125
dBc/Hz
Noise Floor
-155
dBc/Hz
Q and Q Jitter
RMS Jitter
3, 4, 6, 7
2
psP-P
No Noise on VCC
3, 4, 6, 7
12
psP-P
with 200 mVP-P noise added from 1 MHz to ½ fO
3
12
psP-P
Output DC Resistance (between Q & Q)
1, 3
50
K
Ω
DC Power Supply
Operating Voltage
VCC
1, 3
3.13
3.3, 5.0
5.25
Vdc
Operating Current
ICC
1, 3
70
mA
Operating Case Temperature
TC
1, 3
-40
+85
°C
Lid Symbolization (YY=Year, WW=Week)
RFM OP4008B YYWW
SMC-08
•
Quartz SAW Stabilized and Filtered “Diff Sine” Technology
•
Fundamental-Mode Oscillation at 669.327 MHz
•
Voltage Tunable for Phase Lock Loop Operations
•
Optical Timing Reference for Forward Error Correction Applications
The output of this device is generated and filtered by narrow-band quartz SAW elements at 669.327 MHz.
The configuration of this clock provides a pure signal for optical timing applications in noisy signal environ-
ments. The Q/Q differential output swing of ±1 volt about 0 Vdc has symmetry better than ±1% into loads from
40 to 70 ohms, determined by customer application. The long term frequency accuracy is set by an external
reference source allowing this device to complete a Phase Lock Loop design without the usual noise and jitter
problems associated with PLL’s.
Absolute Maximum Ratings
Rating
Value
Units
DC Suppy Voltage
0 to 5.5
Vdc
Tuning Voltage
0 to 6
Vdc
Case Temperature
-55 to 100
°C
669.327 MHz
Optical
Timing Clock
OP4008B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. COCOM CAUTION: Approval by
the U.S. Department of Commerce is required prior to export of this device.
Notes:
1.
Unless otherwise noted, all specifications include any combination of load VSWR, Vcc, and temperature, with Q and Q terminated
into 50 ohm loads to ground (see typical test circuit).
2.
Useful tuning range is in excess of what is required over temp, aging, pushing, pulling & accuracy.
3.
The design, manufacturing process, and specifications of this device are subject to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with VSWR ≤ 1.2 and nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q (see timing definitions).
6.
Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included in
this specification, except where noted. External voltage regulation and careful PCB layout are recommended for optimum perfor-
mance.
7.
Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples.
8.
Linearity is a function of the percentage variation from a permitted linear deviation versus the amount of frequency tune range (see
linearity definition).
9.
One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352.
10.
Over the range of 669.327 MHz ±25 ppm and the conditions of Note 1.
BLOCK DIAGRAM
Q
VCC
Buffer Amplifier
SAW Oscillator
_
Vtune
Q


Similar Part No. - OP4008B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4008B MURATA-OP4008B Datasheet
1Mb / 6P
669.327 MHz Optical Timing Clock
More results

Similar Description - OP4008B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRU050 ETC-TRU050 Datasheet
4Mb / 17P
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
logo
RF Monolithics, Inc
SC3018B RFM-SC3018B Datasheet
102Kb / 2P
Quartz SAW Frequency Stability
logo
List of Unclassifed Man...
RCT-315-AS ETC2-RCT-315-AS Datasheet
305Kb / 6P
Low-Cost SAW-stabilized surface mountOOK RF transmitter
logo
Advanced XTAL Products
PDTK-P-M AXTAL-PDTK-P-M Datasheet
172Kb / 1P
QUARTZ PRESSURE AND TEMPERATURE TRANSDUCER
logo
PETERMANN-TECHNIK
M1319 PETERMANN-M1319 Datasheet
366Kb / 3P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
M1320 PETERMANN-M1320 Datasheet
104Kb / 2P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
M1519 PETERMANN-M1519 Datasheet
101Kb / 3P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
M1520 PETERMANN-M1520 Datasheet
99Kb / 2P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
logo
Nel Frequency Controls,...
SR-A2A70 NEL-SR-A2A70_10 Datasheet
82Kb / 3P
quartz crystal oscillators provide Differential Sine Wave signals
logo
Glenair, Inc.
240-790-069 GLENAIR-240-790-069 Datasheet
303Kb / 6P
Series 79 Filtered Filtered Cable Receptacle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com