Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP4008B Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # OP4008B
Description  Quartz SAW Stabilized and Filtered ?쏡iff Sine??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4008B Datasheet(HTML) 4 Page - RF Monolithics, Inc

  OP4008B Datasheet HTML 1Page - RF Monolithics, Inc OP4008B Datasheet HTML 2Page - RF Monolithics, Inc OP4008B Datasheet HTML 3Page - RF Monolithics, Inc OP4008B Datasheet HTML 4Page - RF Monolithics, Inc OP4008B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
669.327 MHz
Optical Timing Clock
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4008B-041003
Single Sideband Phase Noise
Jitter
Jitter with 200 mV
of power supply noise
Symmetry



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com