Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DC Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 2Page - IC-Haus GmbH IC-DC Datasheet HTML 3Page - IC-Haus GmbH IC-DC Datasheet HTML 4Page - IC-Haus GmbH IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 6/19
ABSOLUTE MAXIMUM RATINGS
Maximum ratings do not constitute permissible operating conditions; functionality is not guaranteed. Exceeding the maximum ratings can
damage the device.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VB
-38.5
42
V
G002 V()
Voltage at VBR, VBL, ENV1, ENV2
-0.3
42
V
G003 V()
Voltage at VHL, VH, VBROK, NAUT,
TOK, TEST
-0.3
8.4
V
G004 V()
Voltage at VH1, VH2
-0.3
6.4
V
G005 V()
Voltage at VCC1, VCC2, V1OK, V2OK,
CFG1, CFG2, POE1, POE2, RREF,
GNDA
-0.3
5.6
V
G006 I(VB)
Current in VB
-50
800
mA
G007 I(VBR)
Current in VBR
-50
800
mA
G008 I(VBL)
Current in VBL
-800
50
mA
G009 I(VHL)
Current in VHL
-50
800
mA
G010 I()
Current in VH, VH1, VH2, VCC1, VCC2
-500
20
mA
G011 I()
Current in CFG1, CFG2, ENV1, ENV2,
V1OK, V2OK, VBROK, NAUT, TOK,
POE1, POE2, RREF, TEST, GNDA
-20
20
mA
G012 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G013 Tj
Chip-Temperature
-40
150
°C
G014 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating conditions: VB = +4 V to +36 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range
-40
105
°C
T02 Rthja
Thermal Resistance Chip to Ambient
QFN24
Surface mounted, Thermal-Pad soldered to
approx. 2 cm2 copper area on the PCB
30
40
K/W
All voltages are referenced to ground (pin GND: power ground) unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com