Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DC Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH IC-DC Datasheet HTML 16Page - IC-Haus GmbH IC-DC Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 13/19
LINEAR REGULATORS VCC1 AND VCC2
To achieve as low an interference voltage as possible,
even with small filter capacitors CVH1 and CVH2, an in-
dependent linear regulator is connected after each of
the intermediate voltages VH1 and VH2.
Output voltages VCC1 and VCC2 can each be adjusted
using a voltage divider at CFG1 and CFG2 within a
range of 1.5 to 5.5 V ±5 % and according to Equations
1 and 2.
VVCC1 = V(RREF) × (1 +
R1
R2
)
(1)
and
VVCC2 = V(RREF) × (1 +
R3
R4
)
(2)
NB: R1 + R2 and R3 + R4 = 10 kΩ up to 50 kΩ
V(RREF) Electrical Characteristics 401
Inputs CFG1 and CFG2 can also be directly connected
to the relevant output voltage VCCx or GNDA. The
resulting voltages are given in Tables 4 and 5.
VCC1 output voltage
Potential at CFG1
VCC1
GNDA
3.3 V
VCC1
5.0 V
Voltage divider
1.5 V to 5.5 V
Table 4: VCC1 settings
VCC2 output voltage
Potential at CFG2
VCC2
GNDA
2.5 V
VCC2
3.3 V
Voltage divider
1.5 V to 5.5 V
Table 5: VCC2 settings
The regulators have been compensated internally so
that they are stable in no-load operation without an ex-
ternal capacitor. Stability across the entire load range
is guaranteed by the minimum capacitances for CVCC1
and CVCC2 given in the electrical characteristics. The
outputs are current limited to protect them against de-
struction in the event of a short circuit.
The two linear regulators can be switched on and off
independently by inputs ENV1 and ENV2. If both regu-
lators are deactivated, iC-DC is in standby mode (see
DESCRIPTION OF FUNCTIONS/Standby).
Switched output voltages
The two pins POE1 and POE2 are triggered by monitor
outputs V1OK and V2OK and provide voltages drawn
from VCC1 or VCC2. This enables the supply of spe-
cific circuitry in a component group (e.g. EEPROMs) to
be switched on only after VCC1 or VCC2 have reached
their steady state.
Voltage monitor self-test
Using pin TEST the voltage monitoring comparators at
V1OK and V2OK can be tested during ongoing opera-
tion. The undervoltage and overvoltage thresholds of
V1OK and V2OK are checked in turn with each test.
For this purpose, pin TEST is increased to above the
threshold voltage by an external driver. Correct func-
tioning is signaled by low signals at pins V1OK and
V2OK. The function of the connected POE1 and POE2
outputs remains unaffected.
Current carrying capacity
iC-DC’s current carrying capacity depends on set out-
put voltage VCCx and input voltage VB. Figure 4 shows
the current carrying capacity dependent on the input
voltage for various output voltages, measured on the
iC-DC EVAL DC1D evaluation board. The internal re-
verse polarity protective circuit was bridged (VB = VBR)
to increase the current carrying capacity.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
50
100
150
200
250
300
350
400
450
500
VH (>7.2V)
5V VCCx
3,3V VCCx
2,5V VCCx
1,5V VCCx
Input Voltage VB [V]
Figure 4: Current carrying capacity for various out-
put voltages dependent on VB (VB = VBR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com