Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DC Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 10/19
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = +4 V to +36 V, RREF = 20 kΩ ±1 %, Tj = -40°C to +125°C, reference is GND (GNDA = GND),
unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Voltage Monitoring V1OK, V2OK (x = 1, 2)
701 VtU()lo
Lower Undervoltage Threshold
VCCx for VxOK = lo
versus VCCxnom
90
92
94
%VCC2
702 VtU()hi
Upper Undervoltage Threshold
VCCx for VxOK = hi
versus VCCxnom
91
93
95
%VCC2
703 VtO()lo
Lower Overvoltage Threshold
VCCx for VxOK = hi
versus VCCxnom
105
107
109
%VCC2
704 VtO()hi
Upper Overvoltage Threshold
VCCx for VxOK = lo
versus VCCxnom
106
108
110
%VCC2
705 Vt()hys
Hysteresis Under-/Overvoltage
VCCx
versus VCCxnom
0.25
1
1.5
%VCC2
706 Vs()lo
Saturation Voltage lo
VxOK = lo;
I() = 4 mA, VCCx ≥ 3 V
0.4
V
I() = 1 mA, VCCx < 3 V
0.4
V
707 Vs()hi
Saturation Voltage hi
Vs()hi = VCCx − V(), VxOK = hi;
I() = -4 mA, VCC2 ≥ 3 V
0.4
V
I() = -1 mA, VCC2 < 3 V
0.4
V
708 Isc()lo
Short-Circuit Current lo
V() = VCCx, VxOK = lo;
VCCx ≥ 3 V
6
90
mA
VCCx < 3 V
1
30
mA
709 Isc()hi
Short-Circuit Current hi
V() = 0 V, VxOK = hi;
VCCx ≥ 3 V
-100
-6
mA
VCCx < 3 V
-30
-1
mA
Supply Switches POE1, POE2 (x = 1, 2)
801 Vs()hi
Saturation Voltage hi
Vs()hi = VCCx − V(POEx);
V(VCCx) ≥ 2.5 V, I(POEx) = -10 mA,
V1OK, V2OK = hi
0.2
V
802 Vs()hi
Saturation Voltage hi
Vs()hi = VCCx − V(POEx);
V(VCCx) < 2.5 V; I(POEx) = -5 mA,
V1OK, V2OK = hi
0.2
V
803 Isc()hi
Short-Circuit Current hi
V(POEx) = 0 V; V(VCCx) ≥ 2.5 V,
POEx = hi, V1OK, V2OK = hi
-40
-12
mA
804 Isc()hi
Short-Circuit Current hi
V(POEx) = 0 V; V(VCCx) < 2.5 V,
POEx = hi, V1OK, V2OK = hi
-30
-6
mA
Thermal Shutdown and Error Detection TOK
901 Toff
Thermal Shutdown Threshold
150
160
175
°C
902 Ton
Restart Temperature
135
150
165
°C
903 Thys
Temperature Hysteresis
Thys = Toff − Ton
5
10
20
°C
904 Vs()lo
Saturation Voltage lo
I(TOK) = 5 mA; TOK = lo
0.4
V
905 Isc()lo
Short-Circuit Current lo
V(TOK) = 2..8 V; TOK = lo
10
20
mA
906 lk()
Leakage Current
V(TOK) = 0..8 V; TOK = hi
-10
10
µA
Test Input TEST
A01 Vt()hi
Threshold Voltage hi for Com-
parator test
0.65
0.75
V
A02 Vt()lo
Threshold Voltage lo for Com-
parator test
0.5
0.6
V
A03 Vt()hys
Hysteresis at TEST
Vt() = Vt(TEST)hi − Vt(TEST)lo
10
50
100
mV
A05 Ipd()
Pull-Down Current in TEST
V() = 5.5 V
20
200
µA
A07 tsu(TEST) Settling Time at V1OK, V2OK
V1OK, V2OK changing hi → lo
10
20
30
µs
A08 tsu(TEST) Settling Time at V1OK, V2OK
V1OK, V2OK changing of lo → hi
2
4
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com