Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-DC Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-DC Datasheet HTML 1Page - IC-Haus GmbH IC-DC Datasheet HTML 2Page - IC-Haus GmbH IC-DC Datasheet HTML 3Page - IC-Haus GmbH IC-DC Datasheet HTML 4Page - IC-Haus GmbH IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 1/19
FEATURES
•
Wide input voltage range of +4 to +36 V
•
Reverse polarity protection up to -36 V with autarky function
•
Universal buck/boost converter with high efficiency
•
Two back-end, adjustable linear regulators (1.5 V to 5.5 V) with
a total of up to 300 mA of output current and a separate output
voltage monitor
•
Low residual ripple with small capacitors in the µF range
•
Separate enable inputs for the linear regulators
•
Two switched linear regulator outputs
•
Integrated switching transistors and flyback diodes
•
Converter cut-off current can be set by an external resistor
•
Integrated 3 MHz oscillator with no external components
•
Active noise spectrum reduction
•
Error messaging with overtemperature, overvoltage, and
undervoltage at the current-limited open-collector output
•
Wide temperature range of -40 °C to 105 °C
•
Protective circuitry against ESD
•
Space saving 24-pin QFN package
APPLICATIONS
•
Dual voltage supply by
buck/boost converters with
adjustable, back-end linear
regulators
•
Power management for laser,
encoder, and automotive
applications
PACKAGES
QFN24 4 mm x 4 mm
(RoHS compliant)
BLOCK DIAGRAM
VOLTAGE
ENABLE
R2
R3
R4
OUTPUT
SWITCH 2
5V/3.3V/R1:R2
VCC1:
VCC2:
SWITCH 1
VOLTAGE
MONITOR
PROTECT.
SUPPLY
THERMAL
SHUTDOWN
BUCK
SUPPLY
SUPPLY
LIN.-REG.1
LIN.-REG.2
CONTROL
MONITORING
REFERENCE
BIAS
BOOST
SWITCHING REGULATOR
3.3V/2.5V/R3:R4
R1
OSCILLATOR
iC-DC
ERROR DETECT.
AUTARKY
DETECT.
REVERSE
INTERNAL
CONFIGURATION
20k
RREF
1μF
CVB
CVBR
10μF
2
1
2
LVBH
22μH
CVH1
3.3μF
3.3μF
CVH
1μF
CVCC2
CVCC1
1μF
3.3μF
CVH2
&
1
2
1
VCC1
RREF
VCC1,VCC2
TEST
V1OK
V2OK
VCC2
POE2
TOK
VBROK
VH1
VCC1
VCC2
GND
VBR
VBL
VHL
VH
GNDA
VB
CFG1
CFG2
ENV1
ENV2
NAUT
4...36V
1.5...5.5V
1.5...5.5V
VH2
POE1
RREF
20k
CVB
1μF
10μF
CVBR
LVBH
22μH
CVCC2
1μF
1μF
CVCC1
CVH2
3.3μF
3.3μF
CVH1
CVH
3.3μF
&
Copyright © 2011, 2017 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-DC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC Datasheet
698Kb / 19P
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
More results

Similar Description - IC-DC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC Datasheet
698Kb / 19P
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com