Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9302 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor XC9302 Datasheet HTML 10Page - Torex Semiconductor XC9302 Datasheet HTML 11Page - Torex Semiconductor XC9302 Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
XC9301/9302
Series
604
6
GDemo Board ver. 1.1
External Components
Demo Board Connection Layout
PSW : XP162A12(SOT-89)
NSW : XP161A12(SOT-89)
→ suitable for SOT-23, SOT-89, CPH-6
L
: 22μH (SUMIDA CR54)
→ suitable for CR43∼CR105
SD
: U2FWJ44N (Schottky, Toshiba)
→ suitable for MA720, MA735, U2FWJ44N
CL
: 16V 47μF×2 (Tantalum, Nichicon MCE)
→ suitable for 1005 type∼D2 Package
CIN : 16V 22μF (Tantalum, Nichicon MCE)
16V 220μF (Electrolytic, PJ type)
R1(around 10Ω)
C1
(tantalum around 10μF)
VIN
GND
<Jumper Settings>
JP3 : Must be connected
JP2 : To be connected if using SW (CE pin fixed to VIN)
* Use tinned copper wire for VIN pin, VOUT pin, GND pin, JP2, and JP3.
* Connect test pins for TP1, TP2, TP3, and CE.
Note:
Oscillation may occur as a result of input voltage instability when the
output current is large. At such times, we recommend that in place
of the 220
µF PJ type capacitor, you connect R1 & C1 as shown in
the diagram below.
(In case of demo boards ver. 1.1, cut the pattern wire of R1
connecting point, then connect R1.)
06S_15XC9301/02新規 02.9.19 6:41 PM ページ 604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com