Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9302 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9302 Datasheet HTML 3Page - Torex Semiconductor XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor XC9302 Datasheet HTML 10Page - Torex Semiconductor XC9302 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
XC9301/9302
Series
603
6
GProduct Selection (Notes)
XC9301/02 series is a group of PFM controlled (XC9302 series switches from PWM to PFM control during light loads) step-up and down DC/DC
converters. The series is highly efficient with a wide range of input voltage since its stepping-up and down operation is controlled by PWM
movements. In general, there are several methods available for obtaining a stable output voltage at such times when input voltage is changing
from being higher than the established output voltage to being lower than the established output voltage. Each method has its merits and
demerits but is essential that a method which provides the best results in terms of input & output under actual operating conditions. Below, two
methods are highlighted and their respective performances in terms of efficiency are compared.
This is an efficiency comparison of two ways, step-up DC/DC converter + VR and step-up & down DC/DC converter.
[Step-up DC/DC Converter + VR] (XC6361/62)
N Step-up mode (Input voltage < set output voltage + 0.4V)
After input voltage has been stepped-up to set output voltage + 0.4V by the step-up DC/DC converter, the output voltage will be regulated to
the set value by the VR. (0.4V loss via the VR)
N Step-down mode (Input voltage > set output voltage + 0.4V)
After input voltage has been stepped-up to set output voltage + 0.4V by the step-up DC/DC converter, the output voltage will be regulated to
the set value by the VR. (Input/Output voltage difference loss via the VR)
[Step-up&down DC/DC Converter] (XC9301/02)
N Set ouput voltage obtained as a result of the automatic switching operations of the IC regardless of the difference between input voltage and
set output voltage.
The above graph shows that over a wide input voltage range, the efficiency of the XC9301/02 is more or less constant. On the other hand, the
efficiency of the XC6361/62 is clearly shown to decrease as input voltage increases. In step-down mode in particular, the efficiency of the
XC9301/02 is much better than the XC6361/62. In applications that use either a standard dry 3 cell battery or a 2 cell lithium Ion battery to
obtain an output of 3.3V, for example, the efficiency of the XC9301/02 series is again much better. Because the XC9301/02 series does not
have a series regulator output, we recommend a test with samples for use in applications where ripple voltage is a problem.
GThe performance of the DC/DC converter IC circuit is heavily reliant upon the performance of the surrounding circuitry and components. In
particular, since the VF voltage of the Schottky Diode used will have a direct effect upon efficiency, the smaller the diode, the better the
efficiency obtainable. (Refer to the graph below)
GIt is also recommended that a switching MOSFET with a small ON resistance be used. With the XC9301/02, an ON resistance of 500mΩ or
less is recommended.
Input Voltage vs. Efficiency
40
45
50
55
60
65
70
75
80
85
90
Input Voltage[V]
Step-Up Mode
Set Output Voltage+0.4V
XC6361(STEP-UP DCDC+VR)
XC9301(STEP-UP/DOWN DCDC
IOUT=10mA 100mA 200mA
2
3
4
5
6
7
8
Step-Down Mode
IOUT=10mA 100mA 200mA
VOUT=3.3V, IOUT=100mA
65
70
75
80
85
0.2
0.4
VF Voltage[V]
VIN=2.4V
VIN=3.0V
VIN=4.5V
GExternal Components Selection (Notes)
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com