Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9302 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9302 Datasheet HTML 1Page - Torex Semiconductor XC9302 Datasheet HTML 2Page - Torex Semiconductor XC9302 Datasheet HTML 3Page - Torex Semiconductor XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
■Marking
SOT-25
(TOP VIEW)
q w e r
DESIGNATOR
PRODUCT NAME
XC9302A***M*
XC9301A***M*
q Represents the Product Classification
w Represents the integer of the Output Voltage and Oscillation Frequency
FREQUENCY=180kHz
(XC9301/XC9302A**2M*)
DESIGNATOR
OUTPUT
VOLTAGE(V)
5.X
4.X
3.X
2.X
r Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
6.X
FREQUENCY=300kHz
(XC9301/XC9302A**3M*)
2
3
4
5
6
2
3
4
5
6
e Represents the decimal number of the Output Voltage and Oscillation Frequency
X.0
X.9
FREQUENCY=180kHz
(XC9301/XC9302A**2M*)
DESIGNATOR
OUTPUT
VOLTAGE(V)
X.8
X.7
X.6
X.1
X.5
X.4
X.3
X.2
FREQUENCY=300kHz
(XC9301/XC9302A**3M*)
A
B
C
D
E
H
K
L
M
F
0
1
2
3
4
6
7
8
9
5
A
K
XC9301/9302
Series
599
6
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 599



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com