Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9302 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9302
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9302 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9302 Datasheet HTML 1Page - Torex Semiconductor XC9302 Datasheet HTML 2Page - Torex Semiconductor XC9302 Datasheet HTML 3Page - Torex Semiconductor XC9302 Datasheet HTML 4Page - Torex Semiconductor XC9302 Datasheet HTML 5Page - Torex Semiconductor XC9302 Datasheet HTML 6Page - Torex Semiconductor XC9302 Datasheet HTML 7Page - Torex Semiconductor XC9302 Datasheet HTML 8Page - Torex Semiconductor XC9302 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
XC9301/9302
Series
598
6
■Pin Configuration
■Pin Assignment
■Product Classification
GOrdering Information
13
2
4
5
SOT-25
PIN NUMBER
FUNCTION
PIN NAME
1
GND
Ground
2VDD
Power Supply
3
EXT/
External Tr. Drive
4VOUT
Output Voltage Monitor
5
CE
Chip Enable
XC9301
DESIGNATOR SYMBOL
A
2
e.g. VOUT=3.0V→w=3, e=0, VOUT=5.3V→w=5, e=3
XC9301 Series PWM control
XC9302
XC9302 Series PWM/PFM switching control(same as XC9302 Series)
DESCRIPTION
Standard (5-pin)
M
R
L
Reverse
Output Voltage
300kHz
180kHz
Oscillation Frequency:
3
Embossed Tape:
Standard
Package:
SOT-25
■Packaging Information
GSOT-25
0.4
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 598



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com