Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL59D4 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL59D4
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL59D4 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL59D4 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
ASB Inc.
 sales@asb.co.kr
June 2017
ASL59D4
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +6.5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Frequency
50
500
860
1002
1200
MHz
Noise Figure
1.4
1.5
1.6
1.7
1.9
dB
Gain
20.0
20.0
20.0
20.4
21.0
dB
S11
-18
-18
-18
-18
-15
dB
S22
-18
-18
-18
-18
-15
dB
OIP31)
44.0
45.0
41.5
41.0
41.0
dBm
OIP22)
68
dBm
P1dB
28
28
28
28
28
dBm
CSO3)(@ 84 Ch, PAL)
60
dBc
CSO3)(@ 60 Ch, PAL)
64
dBc
CTB3)(@ 84 Ch, PAL)
63
dBc
CTB3)(@ 60 Ch, PAL)
69
dBc
Current
420
mA
Device Voltage
+6.5
V
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +14 dBm/tone at F1(400 MHz)+F2(450 MHz).
3) CSO & CTB measured at Pout = 108 dB
V.
2.2
Product Specification
Supply voltage = +6.5 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Noise Figure
1.5
dB
Gain
20.0
dB
S11
-18
dB
S22
-18
dB
OIP31)
45.0
dBm
OIP22)
68
dBm
P1dB
28
dBm
Current
420
mA
Device Voltage
+6.5
V
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +14 dBm/tone at F1(400 MHz)+F2(450 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com