Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL59D4 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL59D4
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL59D4 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL59D4 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
ASB Inc.
 sales@asb.co.kr
June 2017
ASL59D4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
14
16
18
20
22
24
@ 500 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
100
200
300
400
500
600
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
0
1
2
3
4
5
+85 °C
+25 °C
-40 °C
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
P
per Tone (dBm)
10
20
30
40
50
60
70
+85 °C
+25 °C
-40 °C
@ 500 MHz
out
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
P
per Tone (dBm)
0
10
20
30
40
50
60
70
80
90
100
+85 °C
+25 °C
-40 °C
@ 400 MHz + 450 MHz
out
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
14
16
18
20
22
24
+85 °C
+25 °C
-40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com