Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL59D4 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASL59D4
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL59D4 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASL59D4 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
ASB Inc.
 sales@asb.co.kr
June 2017
ASL59D4
6. Package Outline (TSSOP24)
7. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
---
---
1.15
A1
0.00
----
0.10
A2
0.80
1.00
1.05
b
0.19
---
0.30
C
0.09
---
0.20
D
7.70
7.80
7.90
D1
4.086
4.286
4.486
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
E2
2.55
2.75
2.95
e
---
0.65
---
L
0.45
0.60
0.75
y
---
---
0.10
0
---
8
L1-L1
---
---
0.12
L1
1.00REF
NOTE
1. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
2. To ensure reliable operation, device ground
paddle-to-ground pad soldering is critical.
Recommended is that thermal grease should be
used for better thermal performance.
3. Add mounting screws near the part to fasten the
board to a heat sinker. Ensure that the ground &
thermal via region contacts the heat sinker.
4. A proper heat dissipation path underneath the area
of the PCB for the mounted device is strictly
required for proper thermal operation. Damage to
the device can result from inappropriate heat
dissipation.
.
Lot No.
Part No.
2.20
1.00
3.42
1.55
0.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com