Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL59D4 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL59D4
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL59D4 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL59D4 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL59D4 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
ASB Inc.
 sales@asb.co.kr
June 2017
ASL59D4
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL59D4
-
MMIC Amplifier
ASB
C5, C10
10
F
2012
Decoupling capacitor
MURATA
C1, C4, C6, C9
1
F
1608
DC blocking capacitor
MURATA
C3, C8
1
F
1608
Feedback capacitor
MURATA
C2, C7, C11
1.2 pF
1608
Matching capacitor
MURATA
R2, R4
430
1608
Feedback resistor
Samsung
R1, R3
62 k
1608
Bias resistor
Samsung
L1, L3
3.3 nH
1608
Matching inductor
MURATA
L2, L4
1
H
3216
RF choke inductor
MURATA
T11), T21)
1 : 1
SM-22
Transformer balun
MACOM
1) MABA007159
5.2
Performance Table
Supply voltage = +6.5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Frequency
50
500
860
MHz
Noise Figure
1.4
1.5
1.6
dB
Gain
20.0
20.0
20.0
dB
S11
-18
-18
-18
dB
S22
-18
-18
-18
dB
OIP31)
44.0
45.0
41.5
dBm
OIP22)
70
dBm
P1dB
28
28
28
dBm
Current
420
mA
Device Voltage
+6.5
V
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +14 dBm/tone at F1(400 MHz)+F2(450 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com