Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL882 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL882
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL882 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL882 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
ASB Inc.
 sales@asb.co.kr
March 2017
ASL882
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +12 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1006
1200
MHz
Noise Figure
2.2
2.1
2.4
3.1
dB
Gain
21.0
21.2
22.5
23.8
dB
S11
-20
-15
-25
-18
dB
S22
-19
-17
-13
-13
dB
Output IP31)
47.0
48.0
45.5
40.5
dBm
Output IP22)
74
dBm
CSO3) (@ 84 Ch, PAL)
65
dBc
CSO4) (@ 42 Ch, CENELEC)
60
dBc
CTB3) (@ 84 Ch, PAL)
60
dBc
CTB4) (@ 42 Ch, CENELEC)
61
dBc
Current
520
mA
Device Voltage
+10.7
V
1) OIP3 is measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 frequency. (F1 = 400 MHz, F2 = 450 MHz).
3) CSO & CTB measured at Pout = 110 dB
V for PAL-84 channels.
4) CSO & CTB measured at Pout = 110 dB
V flat for CENELEC-42 channels..
2.2
Product Specification
Supply voltage = +12 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Noise Figure
2.1
dB
Gain
21.2
dB
Output IP31)
48
Output IP22)
74
S11
-15
dB
S22
-17
dB
Current
520
mA
Device Voltage
+10.7
V
1) OIP3 is measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 frequency. (F1 = 400 MHz, F2 = 450 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com