Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL882 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASL882
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL882 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASL882 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14/16
ASB Inc.
 sales@asb.co.kr
March 2017
ASL882
6. Application: 50 ~ 860 MHz, 34 dB Gain Cascade Application
6.1
Application Circuit
6.2
Performance Table
Supply voltage = +12 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
860
MHz
Gain
34.2
34.0
34.4
dB
S11
-19.0
-17.0
-17.0
dB
S22
-21.0
-18.0
-21.0
dB
CSO1)
60.0
dBc
CTB1)
64.0
dBc
XMOD1)
60.0
dBc
Noise Figure
3.1
3.0
3.1
dB
Current
125(1st stage amp), 520(2nd stage amp)
mA
Device Voltage
+8(1st stage amp), +10.7(2nd stage amp)
V
1) CSO, CTB, and XMOD measured at 541.25 MHz, Pout = 107 dB
V flat for NTSC 77 channels.
C6=1 uF
C10=1 uF
C7=1 uF
C11=1 uF
L5=1 uH
L4=1 uH
C13=10 uF
C9=10 uF
T1
T2
R3=270 ohm
R4=270 ohm
R5=10 ohm
R6=10 ohm
R7=10 ohm
R8=10 ohm
R1= 510 ohm
C8=1 uF
C12=1 uF
R2=510 ohm
L6=1.5 nH
L7=1.5 nH
C1=1 uF
C2=1 uF
C5=10 uF
L1=1 uH
L3=4.7 nH
L2=8.2 nH
C3=0.5 pF
C4=1.2 pF
R9=33 ohm
ASL882
AWB512
Vsupply_2nd = +12 V
Vsupply_2nd = +12 V
RF OUT
RF IN
Vsupply_1st = +12 V
(MABA007159)
(MABA007159)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com