Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL882 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL882
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL882 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL882 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
ASB Inc.
 sales@asb.co.kr
March 2017
ASL882
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL882
-
-
MMIC amplifier
ASB
C1, C2, C5, C6, C9,
C10
1
F
0603
DC blocking capacitor
Murata
C3, C7
1
F
0603
Feedback capacitor
Murata
C4, C8
10
F
0805
Decoupling capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
R1, R2
510
0603
Feedback resistor
Samsung
R3, R4
270
0603
Current adjust resistor
Samsung
R5 ~ R8
10
0805
Voltage drop resistor
Samsung
R9, R10
300
0603
Matching resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM
5.2
Performance Table
Supply voltage = +12 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
30
50
500
1006
MHz
Gain
20.5
20.8
21.4
21.9
dB
S11
-10
-10
-20
-13
dB
S22
-8.5
-9.0
-20.0
-10.0
dB
Noise Figure
2.8
2.7
3.0
3.4
dB
Output P1dB
30
31
33
30
dBm
Output IP31)
46.5
46.5
47.5
43.0
dBm
Current
520
mA
Device Voltage
+10.7
V
1) OIP3 is measured with two tones at the output power of +20 dBm/tone separated by 1 MHz.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com