Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL882 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL882
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL882 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL882 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL882 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ASB Inc.
 sales@asb.co.kr
March 2017
ASL882
5.3
Plot of S-parameter & Stability Factor
(Intentionally Blanked)
0
200
400
600
800
1000
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com