Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL912 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL912
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL912 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL912 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
ASB Inc.
 sales@asb.co.kr
June 2017
ASL912
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1000
1200
MHz
Gain
12.8
13.0
14.0
14.3
dB
S11
-20
-16
-18
-15
dB
S22
-23
-18
-25
-17
dB
Output IP31)
50
53
53
50
dBm
Output IP21),2)
84
dBm
Noise Figure
6.0
5.4
5.5
5.4
dB
CSO
693), 654)
dBc
CTB
663), 624)
dBc
Current
620
mA
Device Voltage
+10
V
1) OIP3 and OIP2 are measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency. (F1 = 400 MHz, F2 = 450 MHz)
3) CSO & CTB measured at Pout = 110 dB
V flat for NTSC 79 channels + QAM 256 75 channels, -6 dB offset.
4) CSO & CTB measured at Pout = 109 dB
V flat for PAL 99 channels.
2.2
Product Specification
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Gain
13.1
dB
S11
-21
dB
S22
-19
dB
Output IP31)
53
dBm
Output IP21),2)
84
dBm
Noise Figure
5.6
dB
Current
620
mA
Device Voltage
+10
V
1) OIP3 and OIP2 are measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency. (F1 = 400 MHz, F2 = 450 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com