Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL912 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL912
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL912 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL912 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
ASB Inc.
 sales@asb.co.kr
June 2017
ASL912
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL912
-
-
MMIC Amplifier
ASB
C1, C2, C5, C6
1
F
0603
DC blocking capacitor
Murata
C3, C7
1
F
0603
Feedback capacitor
Murata
C4, C8
10
F
0805
Decoupling capacitor
Murata
C9, C10
1.8 pF
0402
Matching capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
L3, L4
2.2 nH
0603
Matching inductor
Murata
R1, R2
270
0603
Feedback resistor
Samsung
R3
390
0603
Current adjust resistor
Samsung
R4, R5
1 k
0402
VCG1 adjust resistor
Samsung
R6, R7
1.1 k
0402
VCG2 adjust resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM
Recommended Drop Resistor for 12 V Supply
Drop Resistance(RD)
Size(mm)
Max. Ratings
6.2
5025
0.67 W
3.2
Performance Table
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1002
MHz
Gain
12.9
13.1
13.9
dB
S11
-20
-21
-19
dB
S22
-20
-19
-18
dB
Noise Figure
6.1
5.6
5.7
dB
CSO
691), 652)
dBc
CTB
661), 622)
dBc
Current
620
mA
Device Voltage
+10
V
1) CSO & CTB measured at Pout = 110 dB
V flat for NTSC 79 channels + QAM 256 75 channels, -6 dB offset.
2) CSO & CTB measured at Pout = 109 dB
V flat for PAL 99 channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com